Part Number Hot Search : 
TC8830F 0800074 SS259 SEL6414 NCP58300 MSM02001 BU30C C226M
Product Description
Full Text Search
 

To Download BCW61A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCW61A ... BCW61D
BCW61A ... BCW61D PNP
Surface Mount General Purpose Si-Epi-Planar Transistors Si-Epi-Planar Universaltransistoren fur die Oberflachenmontage Power dissipation - Verlustleistung
2.9 0.1 0.4 3 1.30.1 1.1
PNP
250 mW SOT-23 (TO-236) 0.01 g
Version 2006-07-31 Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
Type Code
1 1.9 2
Dimensions - Mae [mm] 1=B 2=E 3=C
Maximum ratings (TA = 25C) Collector-Emitter-volt. - Kollektor-Emitter-Spannung Collector-Base-voltage - Kollektor-Basis-Spannung Collector-Base-voltage - Kollektor-Basis-Spannung Power dissipation - Verlustleistung Collector current - Kollektorstrom (dc) Peak Collector current - Kollektor-Spitzenstrom Peak Base current - Basis-Spitzenstrom Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur B open E open C open - VCEO - VCBO - VEB0 Ptot - IC - ICM - IBM Tj TS
2.5 max
Grenzwerte (TA = 25C) BCW60A ... BCW60D 32 V 32 V 5V 250 mW 1) 100 mA 200 mA 200 mA -55...+150C -55...+150C
Characteristics (Tj = 25C) Min. DC current gain - Kollektor-Basis-Stromverhaltnis - VCE = 5 V, - IC = 10 A
2)
Kennwerte (Tj = 25C) Typ. 140 200 300 460 170 250 350 500 - - - - Max. - - - - 220 310 460 630 - - - -
BCW61A BCW61B BCW61C BCW61D BCW61A BCW61B BCW61C BCW61D BCW61A BCW61B BCW61C BCW61D
hFE hFE hFE hFE hFE hFE hFE hFE hFE hFE hFE hFE
20 30 40 100 120 180 250 380 60 80 100 110
- VCE = 5 V, - IC = 2 mA
- VCE = 1 V, - IC = 50 mA
1 2
Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschluss Tested with pulses tp = 300 s, duty cycle 2% - Gemessen mit Impulsen tp = 300 s, Schaltverhaltnis 2% http://www.diotec.com/
(c) Diotec Semiconductor AG
1
BCW61A ... BCW61D Characteristics (Tj = 25C) Min. Collector-Emitter saturation voltage - Kollektor-Sattigungsspannung 2) - IC = 10 mA, - IB = 0.25 mA - IC = 50 mA, - IB = 1.25 mA Base-Emitter saturation voltage - Basis-Sattigungsspannung 2) - IC = 10 mA, - IB = 0.25 mA - IC = 50 mA, - IB = 1.25 mA Base-Emitter-voltage - Basis-Emitter-Spannung 2) - IC = 10 A, - VCE = 5 V - IC = 2 mA, - VCE = 5 V - IC = 50 mA, - VCE = 1 V Collector-Base cutoff current - Kollektor-Basis-Reststrom - VCB = 30 V, (E open) - VCE = 30 V, Tj = 125C, (E open) Emitter-Base cutoff current - VEB = 4 V, (C open) Gain-Bandwidth Product - Transitfrequenz - VCE = 5 V, - IC = 10 mA, f = 100 MHz Collector-Base Capacitance - Kollektor-Basis-Kapazitat - VCB = 10 V, IE = ie = 0, f = 1 MHz Emitter-Base Capacitance - Emitter-Basis-Kapazitat - VEB = 10 V, IC = ic = 0, f = 1 MHz Noise figure - Rauschzahl - VCE = 5 V, - IC = 200 A, RG = 2 k f = 1 kHz, f = 200 Hz Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Recommended complementary NPN transistors Empfohlene komplementare NPN-Transistoren Marking - Stempelung F RthA - 2 dB < 420 K/W 1) BCW60A ... BCW60D BCW61A = BA BCW61B = BB BCW61C = BC BCW61D = BD 6 dB CEBO - 11 pF - CCBO - 4.5 pF - fT 100 MHz 250 MHz - - IEB0 - - 20 nA - ICB0 - ICB0 - - - - 20 nA 20 A - VBE - VBE - VBE - 550 mV - 520 mV 650 mV 780 mV - 750 mV - - VBEsat - VBEsat - - 700 mV 830 mV 850 mV 1050 mV - VCEsat - VCEsat - - 120 mV 200 mV 250 mV 550 mV Kennwerte (Tj = 25C) Typ. Max.
2 1
Tested with pulses tp = 300 s, duty cycle 2% - Gemessen mit Impulsen tp = 300 s, Schaltverhaltnis 2% Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschluss http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of BCW61A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X